Part Number Hot Search : 
125612T V330ME05 HERF805 MP86PS23 SM3040D TOP253EN GBU6M HR9311SF
Product Description
Full Text Search
 

To Download IRFU2407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -93862
IRFR2407 IRFU2407
Surface Mount (IRFR2407) l Straight Lead (IRFU2407) l Advanced Process Technology l Dynamic dv/dt Rating l Fast Switching l Fully Avalanche Rated Description
l
HEXFET(R) Power MOSFET
D
VDSS = 75V
G S
RDS(on) = 0.026 ID = 42A
Seventh Generation HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D-Pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for throughhole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D-Pak IRFR2407
I-Pak IRFU2407
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting Torque, 6-32 or M3 screw
Max.
42 29 170 110 0.71 20 130 25 11 5.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)* Junction-to-Ambient
Typ.
--- --- ---
Max.
1.4 50 110
Units
C/W
* When mounted on 1" square PCB (FR-4 or G-10 Material) . For recommended footprint and soldering techniques refer to application note #AN-994
www.irf.com
1
3/1/00
IRFR/U2407
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff.
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Min. 75 --- --- 2.0 27 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V V GS = 0V, ID = 250A 0.078 --- V/C Reference to 25C, ID = 1mA 0.0218 0.026 VGS = 10V, ID = 25A --- 4.0 V VDS = 10V, ID = 250A --- --- S VDS = 25V, ID = 25A --- 20 VDS = 75V, VGS = 0V A --- 250 VDS = 60V, VGS = 0V, TJ = 150C --- 200 VGS = 20V nA --- -200 VGS = -20V 74 110 ID = 25A 13 19 nC VDS = 60V 22 34 VGS = 10V 16 --- VDD = 38V 90 --- ID = 25A ns 65 --- RG = 6.8 66 --- VGS = 10V D Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and center of die contact S 2400 --- VGS = 0V 340 --- pF VDS = 25V 77 --- = 1.0MHz, See Fig. 5 15700 --- VGS = 0V, VDS = 1.0V, = 1.0MHz 220 --- VGS = 0V, VDS = 60V, = 1.0MHz 220 --- VGS = 0V, VDS = 0V to 60V
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 42 showing the A G integral reverse --- --- 170 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 25A, VGS = 0V --- 100 150 ns TJ = 25C, IF = 25A --- 400 600 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature.
Starting TJ = 25C, L = 0.42mH
RG = 25, IAS = 25A.
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 30A
ISD 25A, di/dt 290A/s, VDD V(BR)DSS,
TJ 175C
2
www.irf.com
IRFR/U2407
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
10
10
4.5V
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
ID = 42A
RDS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
2.5
100
2.0
TJ = 175 C
1.5
TJ = 25 C
10
1.0
0.5
1 4.0
V DS = 25V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR/U2407
20
4000
ID = 25A VDS = 60V VDS = 37V VDS = 15V
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Ciss = C + Cgd , C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
16
3000
C, Capacitance(pF)
Ciss
2000
12
8
1000
Coss Crss
0 1 10 100
4
0 0 20 40 60
FOR TEST CIRCUIT SEE FIGURE 13
80 100 120
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
OPERATION IN THIS AREA LIMITED BY RDS(on)
ISD , Reverse Drain Current (A)
100
I D , Drain Current (A)
100
10us
TJ = 175 C
100us 10 1ms
10
TJ = 25 C
1 0.4
V GS = 0 V
0.8 1.2 1.6 2.0 2.4
1 1
TC = 25 C TJ = 175 C Single Pulse
10
10ms 100 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR/U2407
50
LIMITED BY PACKAGE
VDS VGS
RD
40
D.U.T.
+
I D , Drain Current (A)
RG
-VDD
30
VGS
Pulse Width 1 s Duty Factor 0.1 %
20
Fig 10a. Switching Time Test Circuit
10
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 P DM
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFR/U2407
1 5V
240
EAS , Single Pulse Avalanche Energy (mJ)
TOP
200
VDS
L
D R IV E R
BOTTOM
ID 10A 18A 25A
160
RG
20V tp
D .U .T
IA S
+ V - DD
A
120
0 .0 1
Fig 12a. Unclamped Inductive Test Circuit
80
40
V (B R )D SS tp
0 25 50 75 100 125 150 175
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
QG
12V .2F
50K .3F
QGS VG
QGD
D.U.T. VGS
3mA
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFR/U2407
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFR/U2407
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
6 .7 3 (.2 6 5 ) 6 .3 5 (.2 5 0 ) -A5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 1 .2 7 (.0 5 0 ) 0 .8 8 (.0 3 5 )
2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 )
1 .1 4 (.0 4 5 ) 0 .8 9 (.0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 6 .2 2 (.2 4 5 ) 5 .9 7 (.2 3 5 ) 1.0 2 (.0 4 0 ) 1.6 4 (.0 2 5 ) 1 2 3 0 .5 1 (.0 2 0 ) M IN . 1 0 .4 2 (.4 1 0 ) 9 .4 0 (.3 7 0 ) L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - S OU R CE 4 - D R A IN -B 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 3X 2X 1 .1 4 (.0 4 5 ) 0 .7 6 (.0 3 0 ) 2 .2 8 ( .0 9 0 ) 4 .5 7 ( .1 8 0 )
0 .8 9 (.0 3 5 ) 0 .6 4 (.0 2 5 ) 0 .2 5 ( .0 1 0 ) M AMB N O TE S :
0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X. + 0 .1 6 (.0 0 6 ) .
D-Pak (TO-252AA) Part Marking Information
8
www.irf.com
IRFR/U2407
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
6 .7 3 (.26 5 ) 6 .3 5 (.25 0 ) -A 5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 1 .2 7 ( .0 5 0 ) 0 .8 8 ( .0 3 5 )
2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 1 -B 2.2 8 (.0 9 0) 1.9 1 (.0 7 5) 9 .6 5 ( .3 8 0 ) 8 .8 9 ( .3 5 0 ) 2 3 6 .2 2 ( .2 4 5 ) 5 .9 7 ( .2 3 5 )
N O TE S : 1 D IM E N S IO N IN G & TO L E R A N C IN G P E R A N S I Y 1 4 .5M , 19 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R MS TO J E D E C O U T L IN E TO -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X. + 0.1 6 (.0 0 6 ).
3X
1 .1 4 (.0 45 ) 0 .7 6 (.0 30 )
3X
0 .8 9 (.0 35 ) 0 .6 4 (.0 25 ) M AMB
1 .1 4 ( .0 4 5 ) 0 .8 9 ( .0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
2 .28 (.0 9 0 ) 2X
0 .2 5 (.0 1 0 )
I-Pak (TO-251AA) Part Marking Information
www.irf.com
9
IRFR/U2407
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TR L
1 6 .3 ( .6 41 ) 1 5 .7 ( .6 19 )
16 .3 ( .6 4 1 ) 15 .7 ( .6 1 9 )
1 2 .1 ( .4 7 6 ) 1 1 .9 ( .4 6 9 )
F E E D D IR E C T IO N
8 .1 ( .3 1 8 ) 7 .9 ( .3 1 2 )
F E E D D IR E C T IO N
NO TES : 1 . C O N T R O L L IN G D IM E N S IO N : M ILL IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M ILL IM E T E R S ( IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
1 3 IN C H
16 m m NO TES : 1 . O U T L IN E C O N F O R M S T O E IA -4 8 1 .
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTER: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 3/00
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFU2407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X